Part Number Hot Search : 
R5F21 5C220 01NF08 PB4006 THC929 ICS9526 74HCT30 2SD2152Q
Product Description
Full Text Search
 

To Download ZMM5260B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZMM5221B(A)(C)(D) thru ZMM5267B(A)(C)(D) 6
SURFACE MOUNT ZENER DIODES
DO-213AA / MINI MELF
SOLDERABLE ENDS
D1= 0.066(1.676) 0.060(1.524)
CATHODE BAND
D2
0.022(0.559) 0.016(0.406) 0.145(3.683) 0.131(3.327)
D2=D1 +0 -0.008(0.20)
Dimension in inches (millimeters )
FEATURES
Silicon planer power zener diodes Standard zener voltage tolerance ls 5% AND B suffix. Other tolerances are available upon request
MECHANICAL DATA
Case MINI MELF Molded Glass (SOD-80) Weight Approx .0.05g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temp. unless otherwise specified Single phase, half sine wave, 60Hz, resistive or inductive load For capacitive load, derate current by 20%
CHARACTERLSTIC Power Dissipation at Tamb = 25 C Z- Current Tremal Resistanct Junction to Ambient Air Maximum instantaneous forward voltage drop at IF=200mADC Junction Temperature Storage Temperature range
0
SYMBOL Ptot IZ RthJ-A VF TJ TStg
VALUE 0.5
1)
UNITS
W mA K/mW Volts
0
Pv/Vz 300
1)
1.1 175 -65 to +175
C C
0
1)Valid provided that leads are kept at ambient temperature at adisytance of 10mm from case
www.paceleader.tw
1
6
ZMM5221B(A)(C)(D) thru ZMM5267B(A)(C)(D) 6
SURFACE MOUNT ZENER DIODES
Type ZMM5221B ZMM5222B ZMM5223B ZMM5224B ZMM5225B ZMM5226B ZMM5227B ZMM5228B ZMM5229B ZMM5230B ZMM5231B ZMM5232B ZMM5233B ZMM5234B ZMM5235B ZMM5236B ZMM5237B ZMM5238B ZMM5239B ZMM5240B ZMM5241B ZMM5242B ZMM5243B ZMM5244B ZMM5245B ZMM5246B ZMM5247B ZMM5248B ZMM5249B ZMM5250B ZMM5251B ZMM5252B ZMM5253B ZMM5254B ZMM5255B ZMM5256B ZMM5257B ZMM5258B ZMM5259B ZMM5260B ZMM5261B ZMM5262B ZMM5263B ZMM5264B ZMM5265B ZMM5266B ZMM5267B VZnom 1) V 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 IZT mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7 for rzjT
W
rzjk
W
at
< 30 < 30 < 30 < 30 < 29 < 28 < 24 < 23 < 22 < 19 < 17 < 11 <7 <7 <5 <6 <8 <8 < 10 < 17 < 22 < 30 < 13 < 15 < 16 < 17 < 19 < 21 < 23 < 25 < 29 < 33 < 35 < 41 < 44 < 49 < 58 < 70 < 80 < 93 < 105 < 125 < 150 < 170 < 185 < 230 < 270
< 1200 < 1250 < 1300 < 1400 < 1600 < 1600 < 1700 < 1900 < 2000 < 1900 < 1600 < 1600 < 1600 < 1000 < 750 < 500 < 500 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 700 < 700 < 800 < 900 < 1000 < 1100 < 1300 < 1400 < 1400 < 1600 < 1700
IZK mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
IR
mA
at
< 100 < 100 < 75 < 75 < 50 < 25 < 15 < 10 <5 <5 <5 <5 <5 <5 <3 <3 <3 <3 <3 <3 <2 <1 < 0.5 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1
VR V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56
TKVZ %/K < -0.085 < -0.085 < -0.080 < -0.080 < -0.075 < -0.070 < -0.065 < -0.060 < +0.055 < +0.030 < +0.030 < +0.038 < +0.038 < +0.045 < +0.050 < +0.058 < +0.062 < +0.065 < +0.068 < +0.075 < +0.076 < +0.077 < +0.079 < +0.082 < +0.082 < +0.083 < +0.084 < +0.085 < +0.086 < +0.086 < +0.087 < +0.088 < +0.089 < +0.090 < +0.091 < +0.091 < +0.092 < +0.093 < +0.094 < +0.095 < +0.095 < +0.096 < +0.096 < +0.097 < +0.097 < +0.097 < +0.098
1) STANDARD VOLTAGE TOLEANCE IS SUFFIX "A" FOR 3% SUFFIX "B" FOR 5% SUFFIX "C" FOR 10% SUFFIX "D" FOR 20% MEASURED WITH PULSES TP=10ms
5% AND
ZENER DIODE NUMBRERING SYSTEM ZMM5225 B 1* 1* 1* TYPE Number ZMM=ZENER MINI MELF 2* TOOLERANCE OF Vz 3* ZMM5225B=3.0V 5%
www.paceleader.tw
2
6 ZMM5221B(A)(C)(D) thru ZMM5267B(A)(C)(D)
SURFACE MOUNT ZENER DIODES
RATING AND CHARACTERISTICS CURVES ZMM5221B(A)(C)(D) THRU ZMM5257B(A)(C)(D)
P O W E R D I S S I PAT I O N , m Wa t t s
500 400 300 200 100
0
50
100
150
200
O
250
AMBIENT TEMPERATURE , C
FIG.1 POWER DERATING CURVE FIG. 1 POWEDE R R ATINGCU RVE
Vz(V )
5 10 15 20 25 30
Iz (mA)
50 40 30 20 10
Tes tCu rrent Iz = 20m A
0
15
9.1
12 11
6.8 6.2 5.6 5.1 4.7 4.3
20
24
3.9
2.7
FIG.2 BREAKDOWN CHARACTERISTICS
www.paceleader.tw
3


▲Up To Search▲   

 
Price & Availability of ZMM5260B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X